Part Number Hot Search : 
T041659 UTC3563 D15AA LAS15A06 M28W640 FR204 HF38903M 36410
Product Description
Full Text Search
 

To Download 0741620010 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 This document was generated on 05/31/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION
Part Number: Status: Overview: Description:
0741620010 Active
cgrid__sl_products 2.54mm (.100") Pitch C-Grid(R) Receptacle, Right Angle, Through Hole, Dual Row, Shrouded, Version A, High-Temperature, 10 Circuits, Tin (Sn)
Documents: 3D Model Drawing (PDF)
Product Specification PS-74162-001 (PDF) RoHS Certificate of Compliance (PDF) Series image - Reference only E29179 EU RoHS China RoHS ELV and RoHS Compliant REACH SVHC Contains SVHC: No Halogen-Free Status Not Reviewed Need more information on product environmental compliance? Email productcompliance@molex.com For a multiple part number RoHS Certificate of Compliance, click here Please visit the Contact Us section for any non-product compliance questions.
Agency Certification
UL
General
Product Family Series Application Overview Product Name PCB Receptacles 74162 Board-to-Board cgrid__sl_products C-Grid(R)
Physical
Circuits (Loaded) Circuits (maximum) Color - Resin Durability (mating cycles max) Flammability Glow-Wire Compliant Guide to Mating Part Keying to Mating Part Lock to Mating Part Material - Metal Material - Plating Mating Material - Plating Termination Material - Resin Number of Rows Orientation PCB Locator PCB Retention Packaging Type Pitch - Mating Interface (in) Pitch - Mating Interface (mm) Pitch - Term. Interface (in) Pitch - Term. Interface (mm) Polarized to Mating Part Polarized to PCB Robotic Placement Stackable Surface Mount Compatible (SMC) Temperature Range - Operating Termination Interface: Style 10 10 Black 25 94V-0 No No None Yes Phosphor Bronze Tin Tin High Performance Thermoplastic 2 Right Angle No None Tube 0.100 In 2.54 mm 0.100 In 2.54 mm No No None No No -40C to +105C Through Hole
Search Parts in this Series 74162Series
Electrical
Current - Maximum per Contact Grounding to PCB Voltage - Maximum 2.5A No 250V
Solder Process Data
Duration at Max. Process Temperature (seconds) Lead-free Process Capability Max. Cycles at Max. Process Temperature Process Temperature max. C
5 Wave Capable (TH only) 1 260
Material Info Reference - Drawing Numbers
Packaging Specification Product Specification Sales Drawing PK-70873-0019 PS-74162-001 SD-74162-001
This document was generated on 05/31/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION


▲Up To Search▲   

 
Price & Availability of 0741620010

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X